PART |
Description |
Maker |
DS5000FP05 |
Soft Microprocessor Chip
|
Dallas Semiconductor
|
DS5000FP-16 DS5000FP_16 DS5000FP |
Soft Microprocessor Chip
|
DALLAS[Dallas Semiconductor]
|
RM7065 RM7065A-300T RM7065A-350T RM7065A |
RM7065A⑩ Microprocessor with On-Chip Secondary Cache Data Sheet Preliminary 64-Bit MIPS RISC Microprocessor with Integrated L2 Cache RM7065A Microprocessor with On-Chip Secondary Cache Data Sheet Preliminary
|
PMC[PMC-Sierra, Inc] PMC[PMC-Sierra Inc]
|
PD705100GJ-100-8EU UPD705100GJ-100-8EU |
32 Bit Single Chip Microprocessor(32 位单片微处理 32-BIT, 100 MHz, RISC PROCESSOR, PQFP144 32 Bit Single Chip Microprocessor(32 浣????井澶????
|
NEC Corp.
|
DS2251T-32-16 DS2251T-64-16 |
CONNECTOR ACCESSORY 128k Soft Microcontroller Module 8-BIT, MICROCONTROLLER, SMA72
|
Dallas Semiconducotr Maxim Integrated Products, Inc.
|
IS61LF12832-8.5TQI IS61LF12832-7.5TQI IS61LF12832- |
128K x 32, 128K x 36 synchronous flow-through static RAM 128K X 32 CACHE SRAM, 8.5 ns, PQFP100
|
INTEGRATED SILICON SOLUTION INC
|
CAT24C02C CAT24C02CWI-1.8 CAT24C02CWA-1.8 CAT24C02 |
I2C Serial EEPROM I2C串行EEPROM 2K-Bit Serial E2PROM 128k Soft Microcontroller Module
|
http:// ITW Chemtronics CATALYST[Catalyst Semiconductor]
|
RM7000A RM7000A-1 |
64-Bit MIPS RISC Microprocessor with Integrated L2 Cache RM7000A Microprocessor with On-Chip Secondary Cache Data Sheet Released
|
PMC-Sierra, Inc PMC-Sierra Inc
|
28C011TRT1FS 28C011TRPFS 28C011TRPFS-20 28C011TRPF |
1 Megabit (128K x 8-Bit) EEPROM 1兆位128K的8位)的EEPROM 1 Megabit (128K x 8-Bit) EEPROM 1兆位28K的8位)的EEPROM 1 Megabit (128K x 8-Bit) EEPROM 128K X 8 EEPROM 5V, 200 ns, DFP32 1 Megabit (128K x 8-Bit) EEPROM 128K X 8 EEPROM 5V, 120 ns, DFP32 CONNECTOR ACCESSORY POT 100K OHM THUMBWHEEL CERM ST
|
http:// NXP Semiconductors N.V. Maxwell Technologies, Inc
|
AT28C010E-12FM/883 AT28C010E-12EC AT28C010-12EM AT |
120NS, 32FLTPCK, 883C; LEV B COMPLIANT(EEPROM) 128K X 8 EEPROM 5V, 120 ns, CDFP32 128K X 8 EEPROM 5V, 120 ns, CQCC32 120NS, 32 LCC, MIL TEMP(EEPROM) 128K X 8 EEPROM 5V, 150 ns, CDFP32 128K X 8 EEPROM 5V, 200 ns, CDIP32 128K X 8 EEPROM 5V, 250 ns, CDIP32
|
Atmel, Corp. ATMEL CORP
|
LC87F5JC8A |
FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
|
Sanyo Semicon Device
|
MAX795 MAX795CPA MAX795CSA MAX795EPA MAX795ESA MAX |
Microprocessor supervisory circuit. Reset threshold 3.00V to 3.15V. Active-low reset. Backup-battery switchover. External switch driver. Chip-enable gating. 3.0V/3.3V Adjustable Microprocessor Supervisory Circuits Microprocessor supervisory circuit. Reset threshold 2.55V to 2.70V. Active-low reset. Backup-battery switchover. External switch driver. Chip-enable gating.
|
MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products]
|